Part Number Hot Search : 
UFM14PL FLZ18VB GR3AB B1125 RT8206B IL712 08010 TS104RS
Product Description
Full Text Search
 

To Download GBJ8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBJ8005 ~ gbj810 voltage 50v ~ 1000v 8.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  rating to 1000v prv  ideal for printed circuit board  low forward voltage drop, high current capability  reliable low cost construction utilizing molded pla stic technique results in inexpensive product  the plastic material has underwriters laboratory flammability classification 94v-0 maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit gbj 8005 gbj 801 gbj 802 gbj 804 gbj 806 gbj 808 gbj 810 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heat sink) 2 i (av) 8 a rectified current @t c =100 c (without heat sink) 2.9 peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 200 a maximum forward voltage @ 4a dc v f 1.1 v maximum dc reverse current at rated dc blocking voltage t j =25 c i r 10 a t j =125 c 500 i 2 t rating for fusing (t<8.3ms) i 2 t 120 a 2 s typical junction capacitance per element 1 c j 55 pf typical thermal resistance r jc 1.8 c/w operating and storage temperature range t j ,t stg -55~150 c notes 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 75mm*75mm*1.6mm cu plate heat sink. gbj ref. millimeter ref. millimeter min. max. min. max. a 29.7 30 .3 j 0.6 0.8 b 19 .7 20 .3 k 7.3 7.7 c 4.4 4.8 l 2.0 2.4 d 17.0 18.0 m 9.8 10.2 e 3.0 x 45 n 2.3 2.7 f 3.1 3.4 p 3.6 4.2 g - 5.1 q 10.8 11.2 h 2.5 2.9 r 3.1 3.4 i 0.9 1.1 s 3.4 3.8
GBJ8005 ~ gbj810 voltage 50v ~ 1000v 8.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBJ8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X